Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3DV642 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TS3DV642 Datasheet PDF - Texas Instruments
Part # TS3DV642
Download  TS3DV642 Download
File Size   1103.14 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux

TS3DV642 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3DV642 Datasheet PDF - Texas Instruments

Part # TS3DV642
Download  TS3DV642 Click to download

File Size   1103.14 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux

TS3DV642 Datasheet (HTML) - Texas Instruments




Similar Part No. - TS3DV642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642 TI2-TS3DV642 Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
TS3DV642-Q1 TI2-TS3DV642-Q1 Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642A0RUAR TI2-TS3DV642A0RUAR Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
More results


Similar Description - TS3DV642

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
Pericom Semiconductor C...
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4412 TI-TMUXHS4412 Datasheet
3Mb / 30P
TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com