Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3DV642 Datasheet (PDF) - Texas Instruments

TS3DV642 Datasheet PDF - Texas Instruments
Part # TS3DV642
Download  TS3DV642 Download
File Size   1721.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode

TS3DV642 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3DV642 Datasheet PDF - Texas Instruments

Part # TS3DV642
Download  TS3DV642 Click to download

File Size   1721.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode

TS3DV642 Datasheet (HTML) - Texas Instruments


TS3DV642 Product details

1 Features
1• Switch Type: 2:1 or 1:2
• Dynamic Characteristics
– Differential Bandwidth ( –3 dB)
– Port A: 6.9 GHz Typical
– Port B: 7.5 GHz Typical
– Crosstalk (at 1.7 GHz): –40 dB
– Isolation (at 1.7 GHz): –23 dB
– Insertion Loss (DC)
– Port A: –0.75 dB
– Port B: –1.0 dB
– Return Loss (at 1.7 GHz): –15.9 dB
– Intra-Pair (Bit-Bit) Skew
– Port A: 2 ps
– Port B: 6 ps
– RON
– Port A: 6.5 Ω
– Port B: 8.2 Ω
– CON at 1 GHz: 0.5 pF (Typical)
• VCC Range: 2.6 V to 4.5 V
• I/O Voltage Range: 0 V to 5 V
• Special Features
– IOFF Protection Prevents Current Leakage in
Powered Down State (VCC = 0 V)
• ESD Performance
– 2-kV Human Body Model (A114B, Class II)
– 1-kV Charged Device Model (C101)
• 42-pin WQFN Package (9 mm x 3.5 mm, 0.5 mm
pitch)

2 Applications
• HDMI 2.0 With Support for 4k2k up to 60 Hz
• DVI 1.0 Signal Switching
• DisplayPort 1.4 Signal Switching
• General Purpose TMDS Signal Switching
• General Purpose LVDS Signal Switching
• General Purpose High-Speed Signal Switching

3 Description
The TS3DV642 is a 12 channel 1:2 or 2:1 bidirectional
multiplexer/demultiplexer. The TS3DV642
operates from a 2.6 V to 4.5 V supply, making it
suitable for battery-powered applications. It offers low
and flat on-state resistance (RON) as well as low I/O
capacitance which allows it to achieve a typical
bandwidth of up to 7.5 GHz. The device provides the
high bandwidth necessary for HDMI and DisplayPort
applications.
The TS3DV642 offers a power-down mode, in which
all channels become Hi-Z and the device operates
with minimal power.




Similar Part No. - TS3DV642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642 TI-TS3DV642 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results


Similar Description - TS3DV642

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
logo
Texas Instruments
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com