Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

407 Datasheet (PDF) - 3M Electronics

407 Datasheet PDF - 3M Electronics
Part # 407
Download  407 Download
File Size   53.73 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Detectable Buried Barricade Tapes 400 Series

407 Datasheet (PDF)

Go To PDF Page Download Datasheet
407 Datasheet PDF - 3M Electronics

Part # 407
Download  407 Click to download

File Size   53.73 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Detectable Buried Barricade Tapes 400 Series

407 Datasheet (HTML) - 3M Electronics


407 Product details

Description
Scotch® Detectable Buried Barricade Tapes 400 Series are nominal 5-mil tapes, constructed of a solid aluminum foil backing with a clear film laminate. The aluminum backing helps make underground assets easier to locate when using a non-ferrous locator. These tapes are color-coded to meet or exceed the industry standards, including the American Public Works Association (APWA). Agency Approvals & Self Certifications Meets the requirements of: RoHS 2002/95/EC “RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (23°C) unless otherwise stated. Physical Property (Test Method) Typical Value US units (metric) Color and Width Variable (see availability chart) Thickness 5-mil Length 1000 ft. Maximum Detectable Burial Range* 2” – 6” to 12” 3” – 12” to 24” 6” – 22” to 30” Tensile Strength at Break (ASTM D-882) 35 lbs/in (15,000 psi) * The types of locators used have a direct input on the maximum detectable burial depth. Specifications The tape shall be of good manufacturing quality in terms of appearance. It shall not gap or telescope more than 0.1 inches when stored at temperatures below 49°C. It must be flexible or not be stiff or brittle in applications ranging from below 0°C to about 38°C. The tape must be removable from the roll without difficulty. The tape shall be smooth, uniform, and free of defects and irregularities. The print shall be uniform, free of visibly large voids and foreign materials, and the lettering free of lumps. The warning words shall be legible, correctly spelled and fully printed. The ink shall be dry, firmly bonded to the substrate, and not transferable to non-printed parts of the film. Shelf Life & Storage This product has a 5-year shelf life from date of manufacture when stored in a humidity controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity). 1 of 2 3




Similar Part No. - 407

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
logo
Marathon Special Produc...
407 MARATHON-407 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Dremel
407 DREMEL-407 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Keystone Electronics Co...
407 KEYSTONE-407 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Automatic Timing & Cont...
407-025-13-00 ATC-407-025-13-00 Datasheet
452Kb / 3P
Timer with Instantaneous Relay
More results


Similar Description - 407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
With detectable manual operation
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
300 3M-300 Datasheet
28Kb / 2P
Scotch® Barricade Tapes 300 Series
Dec-2013
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
Jun-2011
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com