Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300 Datasheet (PDF) - 3M Electronics

300 Datasheet PDF - 3M Electronics
Part # 300
Download  300 Download
File Size   28.86 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch® Barricade Tapes 300 Series

300 Datasheet (PDF)

Go To PDF Page Download Datasheet
300 Datasheet PDF - 3M Electronics

Part # 300
Download  300 Click to download

File Size   28.86 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch® Barricade Tapes 300 Series

300 Datasheet (HTML) - 3M Electronics


300 Product details

Description
Scotch® Barricade Tapes 300 Series are nominal 2-mil, 3-mil and 4-mil tapes, without adhesive, made with polyethylene film. As a product for displaying warning information, they shall be opaque, orange, yellow or red and printed with the appropriate words. Agency Approvals & Self Certifications Meets the requirements of: RoHS 2011/695/EC "RoHS 2011/65/EU" means that the product or part does not contain any of the substances in excess of the maximum concentration values (“MCVs”) in EU RoHS Directive 2011/65/EU. The MCVs are by weight in homogeneous materials. This information represents 3M's knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (23°C) unless otherwise stated. Physical Property (Test Method) Typical Value US units (metric) Color, Width, Thickness Variable (see availability chart) Adhesive None Density (ASTM D-1505) 0.922 g/cc Dart Impact Strength (ASTM D-1709) 140 gram/mil Secant Modulus (ASTM D-882) MD 29,000 psi /TM 33,000 psi Tensile Strength at Break (ASTM D-882) MD 4,400 psi / TD 3,900 psi Elongation (% at break) (ASTM D-882) MD 400% / TD 500% Specifications The tape shall be of good manufacturing quality in terms of appearance. It shall not gap or telescope more than 0.1 inches when stored at temperatures below 49°C. It must be flexible or not be stiff or brittle in applications ranging from below 0°C to about 38°C. The tape must be removable from the roll without difficulty. The tape shall be smooth, uniform, and free of defects and irregularities. The print shall be uniform, the lettering free of lumps, free of visibly large voids and foreign materials. The warning words shall be legible, correctly spelled and fully printed. The ink shall be dry, firmly bonded to the substrate, and not transferable to non-printed parts of the film. Shelf Life & Storage This product has a 5-year shelf life from date of manufacture when stored in a humidity controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).




Similar Part No. - 300

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
300 DBLECTRO-300 Datasheet
387Kb / 1P
SCREW TYPE SERIES
logo
Cornell Dubilier Electr...
300 CDE-300 Datasheet
487Kb / 11P
Long-Life, Switching Power Grade Radial
logo
Intel Corporation
300 INTEL-300 Datasheet
2Mb / 95P
Celeron D Processor
logo
Magnetrol International...
300 MAGNETROL-300 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
More results


Similar Description - 300

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
400 3M-400 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
Jun-2011
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
logo
Multi-Tech Systems, Inc...
86002264 MULTITECH-86002264 Datasheet
524Kb / 5P
MultiTech Conduit®AP 300 Series
2023-07
logo
Lapp.
UDB302401 LAPP-UDB302401 Datasheet
102Kb / 2P
UNITRONIC® 300 STP
May 15, 2019
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
UNITRONIC® 300 S
May 15, 2019
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com