Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300 Datasheet(PDF) 2 Page - 3M Electronics

Part # 300
Description  Scotch® Barricade Tapes 300 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

300 Datasheet(HTML) 2 Page - 3M Electronics

  300 Datasheet HTML 1Page - 3M Electronics 300 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® Barricade Tapes 300 Series
Page 2 of 2
3M and Scotch are trademarks of 3M Company.
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy] or call 1-
800-245-3573.
Product
Text
Length
Color
Thickness
Width
Scotch 300
CAUTION
1000 ft.
Yellow
2-mil
3 in.
Scotch 301
300 ft.
Scotch 330
CAUTION
1000 ft.
Yellow
3-mil
3 in.
Scotch 331
DANGER
Red
3-mil
3 in.
Scotch 333
CAUTION DO NOT ENTER
Yellow
3-mil
3 in.
Scotch 356
DANGER
300 ft.
Red
2-mil
3 in.
Scotch 357
1000 ft.
Scotch 358
CAUTION HIGH VOLTAGE
1000 ft.
Yellow
2-mil
3 in.
Scotch 361
CAUTION DO NOT ENTER
Scotch 362
DANGER DO NOT ENTER
1000 ft.
Red
2-mil
3 in.
Scotch 374
CAUTION DO NOT ENTER
300 ft.
Yellow
2-mil
3 in.
Scotch 302
CAUTION BURIED ELECTRIC LINE BELOW
1000 ft.
Red
4-mil
3 in.
Scotch 303
300 ft.
Scotch 363
CAUTION HIGH VOLTAGE CABLE BURIED
BELOW
1000 ft.
Red
4-mil
3 in.
Scotch 364
CAUTION BURIED ELECTRIC LINE BELOW
1000 ft.
Yellow
4-mil
3 in.
Scotch 365
CAUTION BURIED FIBER OPTIC LINE
BELOW
1000 ft.
Orange
4-mil
3 in.
Scotch 366
CAUTION BURIED CABLE TV LINE BELOW
Scotch 367
CAUTION BURIED TELEPHONE LINE
BELOW
Scotch 368
CAUTION BURIED ELECTRIC LINE BELOW
1000 ft.
Red
4-mil
6 in.
Scotch 369
CAUTION HIGH VOLTAGE CABLE BURIED
BELOW
Scotch 370
CAUTION BURIED ELECTRIC LINE BELOW
1000 ft.
Yellow
4-mil
6 in.
Scotch 371
CAUTION BURIED FIBER OPTIC LINE
BELOW
1000 ft.
Orange
4-mil
6 in.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your
exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.
Electrical Markets Division
6801 River Place Boulevard
Austin, TX 78726-9000
800.245.3573 / 651.737.7222 (24 hours)
Fax: 800.245.0329
www.3m.com/electrical
Please recycle
© 3M 2013 All rights reserved
78-8125-9670-4 F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com