Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1509 Datasheet (PDF) - 3M Electronics

1509 Datasheet PDF - 3M Electronics
Part # 1509
Download  1509 Download
File Size   49.26 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3MTM Double Coated Medical Tape

1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
1509 Datasheet PDF - 3M Electronics

Part # 1509
Download  1509 Click to download

File Size   49.26 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3MTM Double Coated Medical Tape

1509 Datasheet (HTML) - 3M Electronics


1509 Product details

Features
■ Heavy weight release liner
■ − EtO & Gamma compatible
■ Easy to apply
■ − Clear film
■ Adheres to a wide range of substrates Composition: Tape caliper w/o liner 4.9 mil (0.12 mm) Double Coated Polyethylene Tape Carrier 3 mil (0.08 mm) Transparent Polyethylene Film Adhesive Tackified Acrylic designed for medical/surgical use Release Liner 80 lb. Bleached Kraft paper, silicone release coated both sides (4.5 mil/0.10 mm) Typical Properties+: 180° Peel Adhesion to Stainless Steel 53 ounces/inch width (1.5 Kg/25 mm) (14.7 N/25 mm) Liner Release 14 gm/inch width (14 gm/25 mm) +3M test methods are available upon request. Roll Description: Tape supplied on 3 inch (76 mm) diameter cores. Length 600 yards (548 m) ± 2% Maximum Width 48 inch (122 cm) ± 1/32 in (1.0 mm) Maximum Splices: Splices on the tape are intended for continuous processing. Roll Width Maximum Number of Splices per Roll < 8 inch (20 cm) 2 per 100 yd (91 m) 3 per 200 yd (183 m) 6 per 600 yd (548 m) Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon request. Packaging and Recommended Storage Product as supplied in original packaging will maintain stated properties for a period of two years from date stamped on shipping container when stored at temperatures of 50-80°F (10-27°C) and a relative humidity between 40-60 percent. Please see reverse side for important product, safety and warranty information.




Similar Part No. - 1509

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
logo
Abbatron All Rights Res...
1509 ABBATRON-1509 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Data Delay Devices, Inc...
1509-05B DATADELAY-1509-05B Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
logo
List of Unclassifed Man...
1509-1 ETC2-1509-1 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1509-2 ETC2-1509-2 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
More results


Similar Description - 1509

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
Jul-2013
1522 3M-1522 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1567 3M-1567 Datasheet
24Kb / 2P
3MTM High Adhesion Double Coated Medical Tape
Aug-2013
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9874 3M-9874 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Jun-2009
9877 3M-9877 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
9889 3M-9889 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com