Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9889 Datasheet (PDF) - 3M Electronics

9889 Datasheet PDF - 3M Electronics
Part # 9889
Download  9889 Download
File Size   49.24 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3MTM Double Coated Medical Tape

9889 Datasheet (PDF)

Go To PDF Page Download Datasheet
9889 Datasheet PDF - 3M Electronics

Part # 9889
Download  9889 Click to download

File Size   49.24 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3MTM Double Coated Medical Tape

9889 Datasheet (HTML) - 3M Electronics


9889 Product details

Features
■ Medium weight Release Liner − EtO & Gamma Sterilization compatible
■ Easy to apply
■ − Clear Flexible Film Carrier
■ Adheres to a wide range of substrates Composition: Tape Caliper, without liner 4.9 mil (0.12 mm) Double Coated Polyethylene Tape Carrier 3 mil (0.08 mm) Transparent Polyethylene Film Adhesive Tackified Acrylic, designed for medical/surgical use Release Liner 60 lb. Bleached Kraft paper, silicone release coated both sides (3.5 mil/0.09 mm) Typical Properties+: 180° Peel Adhesion to Stainless Steel 53 oz/inch width (1.5 Kg/25 mm) (14.7 N/25 mm) Liner Release 14 gm/inch width (14 gm/25 mm) +3M test methods are available upon request. Roll Description: Tape supplied on 3 inch (76 mm) diameter cores. Length 700 yards (640 m) ± 2% Maximum Width 48 inch (122 cm) ± 1/32 in (1.0 mm) Splices: Splices on the tape are intended for continuous processing. Roll Width Maximum Number of Splices per Roll < 8 inch (20 cm) 2 per 100 yd (91 m) 3 per 200 yd (183 m) 8 per 700 yd (640 m) Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon request. Packaging and Recommended Storage Product as supplied in original packaging will maintain stated properties for a period of two years from date stamped on shipping container when stored at temperatures of 50-80°F (10-27°C) and a relative humidity of 40-60 percent. Please see reverse side for important product, safety and warranty information.




Similar Part No. - 9889

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
988971109 MOLEX-988971109 Datasheet
69Kb / 3P
Hand Crimp Tool for NSCC 1.5 Receptacle Terminals
Jun 05, 2025
988971119 MOLEX-988971119 Datasheet
68Kb / 3P
Hand Crimp Tool for NSCC 1.5 Receptacle Terminals
Jun 05, 2025
988971129 MOLEX-988971129 Datasheet
69Kb / 3P
Hand Crimp Tool for NSCC 1.5 Receptacle Terminals
Jun 05, 2025
98898-1039 MOLEX11-98898-1039 Datasheet
99Kb / 1P
UCC2 RCPT TERMINAL 2.8
988981029 MOLEX-988981029 Datasheet
68Kb / 3P
Hand Crimp Tool for 2.80mm Pitch UCC2 Receptacle Terminal
Jun 05, 2025
More results


Similar Description - 9889

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
Jul-2013
1509 3M-1509 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jun-2013
1522 3M-1522 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1567 3M-1567 Datasheet
24Kb / 2P
3MTM High Adhesion Double Coated Medical Tape
Aug-2013
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9874 3M-9874 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Jun-2009
9877 3M-9877 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Nov-2009
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com