Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VT Datasheet (PDF) - STMicroelectronics

BLUENRG-355VT Datasheet PDF - STMicroelectronics
Part # BLUENRG-355VT
Download  BLUENRG-355VT Download
File Size   4328.61 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable Bluetooth® Low Energy wireless SoC

BLUENRG-355VT Datasheet (PDF)

Go To PDF Page Download Datasheet
BLUENRG-355VT Datasheet PDF - STMicroelectronics

Part # BLUENRG-355VT
Download  BLUENRG-355VT Click to download

File Size   4328.61 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable Bluetooth® Low Energy wireless SoC

BLUENRG-355VT Datasheet (HTML) - STMicroelectronics


BLUENRG-355VT Product details

Features
■ Bluetooth Low Energy system-on-chip supporting Bluetooth 5.2 specifications – 2 Mbps data rate – Long range (Coded PHY) – Advertising extensions – Channel selection algorithm #2 – GATT caching
■ Radio – RX sensitivity level: -97 dBm @ 1 Mbps, -104 dBm @ 125 kbps (long range) – Programmable output power up to +8 dBm (at antenna connector) – Data rate supported: 2 Mbps, 1 Mbps, 500 kbps and 125 kbps – 128 physical connections – Integrated balun – Support for external PA – BlueNRG core coprocessor (DMA based) for Bluetooth Low Energy timing critical operation – 2.4 GHz proprietary radio driver – Suitable for systems requiring compliance with the following radio frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part 15, ARIB STD-T66
■ Ultra-low power radio performance – 10 nA in SHUTDOWN mode (1.8 V) – 0.6 uA in DEEPSTOP mode (with external LSE and BLE wake-up sources, 1.8 V) – 0.9 uA in DEEPSTOP mode (with internal LSI and BLE wake-up sources, 1.8 V) – 4.3 mA peak current in TX (@ 0 dBm, 3.3 V) – 3.4 mA peak current in RX (@ sensitivity level, 3.3V)
■ High performance and ultra-low power Cortex-M0+ 32-bit, running up to 64 MHz
■ Dynamic current consumption: 18 µA/MHz
■ Operating supply voltage: from 1.7 to 3.6 V
■ -40 ºC to 105 ºC temperature range
■ Supply and reset management – High efficiency embedded SMPS step-down converter with intelligent bypass mode – Ultra-low power power-on-reset (POR) and power-down-reset (PDR) – Programmable voltage detector (PVD)
■ Clock sources – Fail safe 32 MHz crystal oscillator with integrated trimming capacitors – 32 kHz crystal oscillator – Internal low-power 32 kHz RO
■ On-chip non-volatile Flash memory of 256 kB
■ On-chip RAM of 64 kB or 32 kB Product status link BlueNRG-LP Product summary




Similar Part No. - BLUENRG-355VT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-332AC STMICROELECTRONICS-BLUENRG-332AC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332AT STMICROELECTRONICS-BLUENRG-332AT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VC STMICROELECTRONICS-BLUENRG-332VC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VT STMICROELECTRONICS-BLUENRG-332VT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332XY STMICROELECTRONICS-BLUENRG-332XY Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results


Similar Description - BLUENRG-355VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com