Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA9P25-1T2 Datasheet (PDF) - STMicroelectronics

ESDA9P25-1T2 Datasheet PDF - STMicroelectronics
Part # ESDA9P25-1T2
Download  ESDA9P25-1T2 Download
File Size   429.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7.9 V, 24 A unidirectional TVS in SOD882T

ESDA9P25-1T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA9P25-1T2 Datasheet PDF - STMicroelectronics

Part # ESDA9P25-1T2
Download  ESDA9P25-1T2 Click to download

File Size   429.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7.9 V, 24 A unidirectional TVS in SOD882T

ESDA9P25-1T2 Datasheet (HTML) - STMicroelectronics


ESDA9P25-1T2 Product details

Description
The ESDA9P25-1T2 is a unidirectional single line TVS diode designed to protect the power line or other low speed I/O against ESD and small surge transients. The device is ideal for applications where high power TVS and board space saving are required. Product status link ESDA9P25-1T2 7.9 V, 24 A unidirectional TVS in SOD882T ESDA9P25-1T2 Datasheet DS13449 - Rev 1 - September 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Low clamping voltage
■ Unidirectional diode
■ Low leakage current
■ SOD882T (0402) package
■ ECOPACK2 compliant component
■ Exceeds the IEC 61000-4-2 level 4 standard: – ± 30 kV (air discharge) – ± 30 kV (contact discharge)




Similar Part No. - ESDA9P25-1T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
EOS and ESD Transil™ protection for charger and battery port
02-Sep-2010
logo
Shanghai Leiditech Elec...
ESDA05 LEIDITECH-ESDA05 Datasheet
891Kb / 5P
Electrical Specification
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
More results


Similar Description - ESDA9P25-1T2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
STMicroelectronics
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
531Kb / 11P
15 V, 25 A unidirectional TVS in SOD882T
15-Jun-2020
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Diodes Incorporated
D7V9H1U2LP1610Q DIODES-D7V9H1U2LP1610Q Datasheet
467Kb / 6P
7.9 VOLT UNIDIRECTIONAL HIGH SURGE TVS DIODE
February 2023 Rev. 1 - 2
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com