Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA9P25-1T2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA9P25-1T2
Description  7.9 V, 24 A unidirectional TVS in SOD882T
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA9P25-1T2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA9P25-1T2 Datasheet HTML 1Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 2Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.1
Characteristics (curves)
Figure 2. Peak pulse power dissipation versus initial
junction temperature (typical value)
0
50
100
150
200
250
300
350
400
25
50
75
100
125
150
175
PPP (W)
Tj (°C)
8/20 µs
Figure 3. Peak pulse power versus exponential pulse
duration (maximum values)
10
100
1000
20
200
PPP (W)
tp (µs)
Tj initial = 25 °C
Figure 4. Peak pulse current versus clamping voltage
(maximum value)
0.1
1
10
5
6
7
8
9
10
11
12
13
14
15
IPP (A)
V
CL (V)
8/20 µs
Figure 5. Leakage current versus junction temperature
(typical value)
1
10
100
25
50
75
100
125
150
VR = VRM
Ir(nA)
Tj(°C)
Figure 6. ESD response to IEC 61000-4-2 (+8kV contact
discharge)
Figure 7. ESD response to IEC 61000-4-2 (-8kV contact
discharge)
ESDA9P25-1T2
Characteristics (curves)
DS13449 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com