Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7045W Datasheet (PDF) - 3M Electronics

7045W Datasheet PDF - 3M Electronics
Part # 7045W
Download  7045W Download
File Size   353.37 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Screen Printable Vinyl Performance Label Products

7045W Datasheet (PDF)

Go To PDF Page Download Datasheet
7045W Datasheet PDF - 3M Electronics

Part # 7045W
Download  7045W Click to download

File Size   353.37 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Screen Printable Vinyl Performance Label Products

7045W Datasheet (HTML) - 3M Electronics


7045W Product details

Features
■ Adhesive dry ingredients are listed by FDA as indirect food contact additives when used in food packaging with minimum opportunity for exposure. See 21 CFR 175.105.
■ UL recognized (File MH11410). See the UL listings for details.
■ Adhesive offers good UV resistance and excellent adhesion to a wide variety of substrates, including polyolefins.
■ Liner provides easy sheet processing and is designed for the ultimate in layflat. The backside of this liner is not printable.
■ Application Ideas
■ Nameplates and product ID labels.
■ Rating plates.
■ Property identification and asset labeling.
■ Warning, instruction, and service labels for durable goods, equipment/machinery and lawn and garden.




Similar Part No. - 7045W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7045 ETC2-7045 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7045 ETC2-7045 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7045 ETC2-7045 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Alpha Wire
7045 ALPHAWIRE-7045 Datasheet
406Kb / 4P
16 (26/30) AWG Tinned Copper
logo
Keystone Electronics Co...
7045 KEYSTONE-7045 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results


Similar Description - 7045W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
LC74783 SANYO-LC74783 Datasheet
338Kb / 15P
On-screen Display Controller LSI for VCR Products????
LC74784 SANYO-LC74784 Datasheet
336Kb / 15P
On-screen Display Controller LSI for VCR Products????
logo
3M Electronics
FMV02 3M-FMV02 Datasheet
24Kb / 4P
3M™ Void Polyester Label Products
Feb-2007
logo
Texas Instruments
SN65HVD22EVM TI1-SN65HVD22EVM Datasheet
399Kb / 25P
High-Performance Linear/Interface Products
logo
List of Unclassifed Man...
03-132 ETC2-03-132 Datasheet
52Kb / 1P
COMPUTER PRINTABLE DESTRUCTTBLE VINYL
logo
PANDUIT CORP.
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
logo
3M Electronics
FV024908 3M-FV024908 Datasheet
133Kb / 5P
3M™ Textured Vinyl Durable Label Material FV024908
Mar-2017
logo
TE Connectivity Ltd
SBP100225WE5 TEC-SBP100225WE5 Datasheet
267Kb / 4P
Standard Labels, UL Listed, Label Width 25.4 mm [1 in], Label Height 2.25 in [57.2 mm], White, Clear Vinyl, Label Thickness 100 Micron, RAYCHEM SBP
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com