Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74784 Datasheet (PDF) - Sanyo Semicon Device

LC74784 Datasheet PDF - Sanyo Semicon Device
Part # LC74784
Download  LC74784 Download
File Size   336.74 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Display Controller LSI for VCR Products????

LC74784 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74784 Datasheet PDF - Sanyo Semicon Device

Part # LC74784
Download  LC74784 Click to download

File Size   336.74 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Display Controller LSI for VCR Products????

LC74784 Datasheet (HTML) - Sanyo Semicon Device


LC74784 Product details

Overview
The LC74784 and LC74784M are on-screen display CMOS LSIs that display characters and patterns on a TV screen under microprocessor control. The LC74784 and LC74784M display up to 12 lines of 24 characters, each in a 12 × 18 dot matrix.
   
Features
• Display structure: 12 lines × 24 characters (up to
    288 characters)
• Character structure: 12 (horizontal) × 18 (vertical) dots
• Character sizes: Three size settings each in the vertical
    and horizontal directions
• Character set: 256 characters
• Display start position: 64 position settings each in the
    vertical and horizontal directions
• Blinking: In individual character units
• Blinking types: Two types with periods of about 0.5 and
                          1.0 second
• Blanking: Whole font area blanking (12 × 18 dots)
• Background colors: 8 colors (in internal synchronization
                                  mode): 4fSC (NTSC/PAL/PAL-M/
                                  PAL-N)
    Background colors: 4 colors (in internal synchronization
                                    mode): 2fSC (NTSC)
    Background colors: 1 color (blue) (in internal
                                    synchronization mode): 2fSC
                                    (PAL/PAL-M/PAL-N)
• External control input: 8-bit serial input format
• Built-in sync separator circuit
• Character blanked data output
• Video output: Compound NTSC, PAL, PAL-N and
    PAL-M output
   




Similar Part No. - LC74784

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
More results


Similar Description - LC74784

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
LC74783 SANYO-LC74783 Datasheet
338Kb / 15P
On-screen Display Controller LSI for VCR Products????
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com