Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74725 Datasheet (PDF) - Sanyo Semicon Device

LC74725 Datasheet PDF - Sanyo Semicon Device
Part # LC74725
Download  LC74725 Download
File Size   260.07 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74725 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74725 Datasheet PDF - Sanyo Semicon Device

Part # LC74725
Download  LC74725 Click to download

File Size   260.07 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74725 Datasheet (HTML) - Sanyo Semicon Device


LC74725 Product details

Overview
The LC74725 and LC74725M are built-in EDS on-screen display controller CMOS LSI products that display characters and patterns on a TV screen under microprocessor control. The characters displayed have an 8 × 8 dot format, and a dot interpolation function is provided. These LSIs can display ten lines of 24 characters each.

Features
• Display format: 24 characters by 10 lines (up to 240 characters)
• Character format: 8 (horizontal) × 8 (vertical) dots (interpolation function provided)
• Character sizes: Two horizontal and two vertical sizes
• Characters in font: 64 characters
• Initial display positions: 64 horizontal positions and 64 vertical positions
• Blinking: Specifiable on a per-character basis
• Blinking types: Two periods, 1.0 second and 0.5 second
• Blue background screen display: Available in internal synchronization mode
• External control input: 8-bit serial input format
• Built-in sync separator circuit
• EDS support
• Video outputs: Composite video signal output in either NTSC or PAL-M
• Package: 24-pin plastic DIP (300 mil) 
                   24-pin plastic MFP (375 mil)




Similar Part No. - LC74725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7472 SANYO-LC7472 Datasheet
263Kb / 14P
On-screen Video Display Controller for NTSC or PAL-M?
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC74723 SANYO-LC74723 Datasheet
144Kb / 12P
On-Screen Display Controller
LC74723M SANYO-LC74723M Datasheet
144Kb / 12P
On-Screen Display Controller
More results


Similar Description - LC74725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
On-Screen Display LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com