Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7472 Datasheet (PDF) - Sanyo Semicon Device

LC7472 Datasheet PDF - Sanyo Semicon Device
Part # LC7472
Download  LC7472 Download
File Size   263.67 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Video Display Controller for NTSC or PAL-M?

LC7472 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7472 Datasheet PDF - Sanyo Semicon Device

Part # LC7472
Download  LC7472 Click to download

File Size   263.67 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Video Display Controller for NTSC or PAL-M?

LC7472 Datasheet (HTML) - Sanyo Semicon Device


LC7472 Product details

Overview
The LC7472M is a CMOS, video display controller for superimposing text and low-level graphics onto an NTSC or PAL-M compatible television receiver. Up to 240, 8 × 8-pixel characters can be displayed under microprocessor control on a 24-character by 10-line display.
The LC7472M features selectable pixel width and height, and 64 vertical and 64 horizontal display start positions. It also features a flashing enable bit for each character position.
The LC7472M operates from a 5 V supply and is available in 24-pin MFP.

Features
• Complete text and graphics video overlay circuitry.
• 64-character internal character generator ROM.
• 8 × 8-pixel characters.
• Three pixel widths and three pixel heights.
• Selectable background color.
• Built-in synchronization check and separation circuitry.
• Approximately 0.5 or 1 s period character flashing option.
• NTSC or PAL-M format compatibility.
• 8-bit serial input format.
• 5 V supply.
• 24-pin MFP.




Similar Part No. - LC7472

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC74723 SANYO-LC74723 Datasheet
144Kb / 12P
On-Screen Display Controller
LC74723M SANYO-LC74723M Datasheet
144Kb / 12P
On-Screen Display Controller
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
More results


Similar Description - LC7472

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
Sanyo Semicon Device
LC7471 SANYO-LC7471 Datasheet
318Kb / 13P
On-screen Display Controller for NTSC-Format Video
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC7475 SANYO-LC7475 Datasheet
332Kb / 16P
On-screen Display Controller for PAL-format Video
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90075 FUJITSU-MB90075 Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
logo
Toshiba Semiconductor
TC90A66F TOSHIBA-TC90A66F Datasheet
488Kb / 39P
PAP/PIP/POP Controller for Wide-Screen TVs (PAL/NTSC)
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com