Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7471 Datasheet (PDF) - Sanyo Semicon Device

LC7471 Datasheet PDF - Sanyo Semicon Device
Part # LC7471
Download  LC7471 Download
File Size   318.23 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Display Controller for NTSC-Format Video

LC7471 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7471 Datasheet PDF - Sanyo Semicon Device

Part # LC7471
Download  LC7471 Click to download

File Size   318.23 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-screen Display Controller for NTSC-Format Video

LC7471 Datasheet (HTML) - Sanyo Semicon Device


LC7471 Product details

Overview
The LC7471 is a video display controller for superimposing text and low-level graphics onto an NTSC-format television receiver. The LC7471 incorporates a 64 character internal character generator ROM, a 24-character × 64-line display ROM and a 176-character display RAM. Up to 288, 12 × 18-pixel characters can be displayed under microprocessor control on a 24-character by 12-line display.
The LC7471 features selectable pixel width and pixel height, and 64 vertical and 64 horizontal display start positions. It also features a flashing enable bit for each character position.
The LC7471 operates from a 5 V supply and is available in 22-pin shrink DIPs.

Features
• Complete text and graphics video overlay circuitry.
• 64-character internal character generator ROM.
• 24-character × 64-line display ROM.
• 176-character display RAM.
• 288-character display capability.
• 12 × 18-pixel characters.
• Four pixel widths.
• Four pixel heights.
• Selectable background color.
• Approximately 0.5 or 1 s period character flashing option.
• 25, 50 or 75% flashing duty cycle.
• Internal or external synchronization.
• Serial data control.
• 5 V supply.
• 22-pin shrink DIP.




Similar Part No. - LC7471

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74711 SANYO-LC74711 Datasheet
355Kb / 16P
Controller LSI for On-screen Displays
More results


Similar Description - LC7471

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
Sanyo Semicon Device
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC7472M SANYO-LC7472M Datasheet
263Kb / 14P
On-screen Video Display Controller for NTSC or PAL-M?
LC7475 SANYO-LC7475 Datasheet
332Kb / 16P
On-screen Display Controller for PAL-format Video
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com