Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74772V Datasheet (PDF) - ON Semiconductor

LC74772V Datasheet PDF - ON Semiconductor
Part # LC74772V
Download  LC74772V Download
File Size   195.41 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description On-Screen Display LSI

LC74772V Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74772V Datasheet PDF - ON Semiconductor

Part # LC74772V
Download  LC74772V Click to download

File Size   195.41 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description On-Screen Display LSI

LC74772V Datasheet (HTML) - ON Semiconductor


LC74772V Product details

Overview
The LC74772V is a CMOS LSI that implements on-screen display for camcorders. It displays characters and patterns in a camcorder viewfinder under microprocessor control. The LC74772V displays a 12  18 dot font with 256 characters.

Functions
• Screen format: 12 lines x 24 characters (up to 288 characters)
• Number of characters displayed: Up to 288 characters
• Character format: 12 (horizontal) x 18 (vertical) dots
• Number of characters in font: 256 characters
• Character sizes: Normal and double, specified in line units
• Display start position
    • Horizontal: 64 positions
    — Vertical: 64 positions
• Character reverse video function: Individual characters can be displayed in reverse video.
• Types of blinking: Two types with periods of 1.0 and 0.5 seconds, specifiable on a per character basis.
    (Blinking has a 60% display on duty.)
    (Four divisors: 1/25, 1/30, 1/50, 1/60)
• Outputs: R, G, B plus 2 output systems
    Or: 4 output systems (character data and blanking data: 4 outputs each)
• External control input: 8-bit serial data input format.




Similar Part No. - LC74772V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
More results


Similar Description - LC74772V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
On-Screen Display LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
On-Screen Display LSI
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com