Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74763 Datasheet (PDF) - Sanyo Semicon Device

LC74763 Datasheet PDF - Sanyo Semicon Device
Part # LC74763
Download  LC74763 Download
File Size   419.92 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display LSI?

LC74763 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74763 Datasheet PDF - Sanyo Semicon Device

Part # LC74763
Download  LC74763 Click to download

File Size   419.92 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display LSI?

LC74763 Datasheet (HTML) - Sanyo Semicon Device


LC74763 Product details

Overview
The LC74763 and LC74763M are on-screen display CMOS LSIs that superimpose text and low-level graphics onto a TV screen (video signal) under the control of a microcontroller. The display characters have a 12 by 18 dots structure, and 128 characters are provided.

Features
• Display structure: 12 lines by 24 characters (up to 288 characters)
• Maximum character display: Up to 288 characters
• Character configuration: 12 (W) by 18 (H) dots structure
• Number of characters: 128 characters (128 plus space 2 fonts)
• Character sizes: Three sizes (normal, double, and triple sizes)
• Display starting positions: 64 horizontal and 64 vertical locations
• Reverse video function: Characters can be inverted on a per character basis.
• Flashing types: Two types with periods of 0.5 and 1.0 second on a per character basis (duty fixed at 50%)
• Background color: One of eight colors (when internal synchronization used)
• External control input: Serial data input in 8-bit units
• Built-in horizontal/vertical sync separation circuit, AFC circuit, and synchronization detector
• Video output: Composite video signal output in NTSC, PAL, PAL-M, PAL-N, PAL60, NTSC4.43, or SECAM format




Similar Part No. - LC74763

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74763 SANYO-LC74763 Datasheet
409Kb / 21P
On-Screen Display LSI
LC74763M SANYO-LC74763M Datasheet
409Kb / 21P
On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
On-Screen Display LSI
More results


Similar Description - LC74763

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com