Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74785 Datasheet (PDF) - Sanyo Semicon Device

LC74785 Datasheet PDF - Sanyo Semicon Device
Part # LC74785
Download  LC74785 Download
File Size   268.18 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74785 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74785 Datasheet PDF - Sanyo Semicon Device

Part # LC74785
Download  LC74785 Click to download

File Size   268.18 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74785 Datasheet (HTML) - Sanyo Semicon Device


LC74785 Product details

Overview
The LC74785 and LC74785M are on-chip EDS CMOS LSIs for on-screen display, a function that displays characters and patterns on a TV screen under microprocessor control. These LSIs support 12 × 18 dot characters and can display 12 lines by 24 characters of text.

Features
• Display format: 24 characters by 12 rows (Up to 288 characters)
• Character format: 12 (horizontal) × 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and vertical directions
• Characters in font: 128
• Initial display positions: 64 horizontal positions and 64 vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported: About 1.0 second and about 0.5 second
• Blanking: Over the whole font (12 × 18 dots)
• Background color
    — Background coloring: 8 colors (internal synchronization mode): 4fsc
    — Background coloring: 6 colors (internal synchronization mode): 2fsc
• Line background color
    — Can be set for 3 lines
    — Line background coloring: 8 colors (internal synchronization mode): 4fsc
    — Line background coloring: 6 colors (internal synchronization mode): 2fsc
• External control input: 8-bit serial input format
• On-chip sync separator circuit
• EDS support
• Video output
    — NTSC-format composite output
• Package
    24-pin plastic DIP (300 mil)
    24-pin plastic SOP (375 mil)




Similar Part No. - LC74785

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
More results


Similar Description - LC74785

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
On-Screen Display LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com