Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM-3PHISO Datasheet (PDF) - STMicroelectronics

EVALSTPM-3PHISO Datasheet PDF - STMicroelectronics
Part # EVALSTPM-3PHISO
Download  EVALSTPM-3PHISO Download
File Size   291.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH

EVALSTPM-3PHISO Datasheet (PDF)

Go To PDF Page Download Datasheet
EVALSTPM-3PHISO Datasheet PDF - STMicroelectronics

Part # EVALSTPM-3PHISO
Download  EVALSTPM-3PHISO Click to download

File Size   291.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH

EVALSTPM-3PHISO Datasheet (HTML) - STMicroelectronics


EVALSTPM-3PHISO Product details

Description
The EVALSTPM-3PHISO evaluation board implements a complete three-phase energy meter with low-cost shunt current sensors. The solution is based on the STPMS2 device, a double channel, 24-bits second

Features
■ Compliant to EN 50470-x, IEC 62053-2x, ANSI12.2x standard requirements for AC watt meters
■ Active wideband, active fundamental, reactive and apparent power/energy calculation for each phase and cumulative
■ Accuracy Class 0.5 according to IEC 62053-22 on 3-ph active/apparent power measurement
■ Accuracy Class 1 according to IEC 62053-21 on 3-ph reactive power measurement
■ 6 channels voltage and current decimated samples available @200 us
■ 5 kHz measurement bandwidth
■ RMS and THD (optional) calculation of each voltage and current signal
■ Selectable high pass filter for DC measurement
■ Line period and phase shift measurement for each phase
■ Phase voltage delays
■ Full calibration (amplitude, power offset and samples offset for DC measurement)
■ Two configurable LED for pulsed outputs
■ Communication through USB in virtual com port mode with shell commands
■ 6 kV galvanic isolation between the phases with 8 mm creepage and clearance




Similar Part No. - EVALSTPM-3PHISO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTPM32 STMICROELECTRONICS-EVALSTPM32 Datasheet
464Kb / 5P
2 programmable LEDs on board
31-Mar-2014
EVALSTPM33 STMICROELECTRONICS-EVALSTPM33 Datasheet
533Kb / 5P
IEC61000 standard compliant
31-Mar-2014
EVALSTPM34 STMICROELECTRONICS-EVALSTPM34 Datasheet
447Kb / 5P
2 programmable LEDs on board
31-Mar-2014
More results


Similar Description - EVALSTPM-3PHISO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-ISA039V1 STMICROELECTRONICS-STEVAL-ISA039V1 Datasheet
108Kb / 4P
Single phase 5A step-down converter evaluation board based on L6727
10-Jul-2007
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
The STPMC1 and STPMS2 evaluation kit
15-Oct-2014
logo
International Rectifier
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
Optional on-board phase shunt resistors
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com