Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM34 Datasheet (PDF) - STMicroelectronics

EVALSTPM34 Datasheet PDF - STMicroelectronics
Part # EVALSTPM34
Download  EVALSTPM34 Download
File Size   447.63 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 programmable LEDs on board

EVALSTPM34 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVALSTPM34 Datasheet PDF - STMicroelectronics

Part # EVALSTPM34
Download  EVALSTPM34 Click to download

File Size   447.63 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 programmable LEDs on board

EVALSTPM34 Datasheet (HTML) - STMicroelectronics


EVALSTPM34 Product details

Description
The STPM34 evaluation board is a class 0.2, dual-phase meter with 2 CTs for power line systems with Vnom = 140 to 300 V(RMS), Inom / Imax = 5/100 A(RMS), flin = 50/60 Hz ± 10% and Tamb = -40 to +85 °C. Measured active/reactive power can be output from two programmable LEDs on the board. The board can be interfaced with a PC running evaluation software through an isolated RS232 port, or through the STEVAL-IPE023V1 USB isolated interface tool for configuration and data reading. The board also has SPI/UART pins available to interface a microcontroller for application development.

Features
■ 0.2% accuracy dual or split-phase meter
■ Vnom(RMS) = 140 to 300 V, Inom/Imax(RMS) = 5/100 A, flin = 50/60 Hz ± 10%
■ Connector for USB isolated hardware programmer tool STEVAL-IPE023V1 and PC GUI
■ RS232 and UART isolated connectors to PC GUI
■ SPI/UART switch for device peripheral selection
■ 2 programmable LEDs on board
■ Digital expansion to external system-on-chip or MCU
■ 3.3 V power supply: external or through STEVAL-IPE023V1 isolated USB board
■ IEC61000 standard compliant
■ RoHS compliant




Similar Part No. - EVALSTPM34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTPM32 STMICROELECTRONICS-EVALSTPM32 Datasheet
464Kb / 5P
2 programmable LEDs on board
31-Mar-2014
EVALSTPM33 STMICROELECTRONICS-EVALSTPM33 Datasheet
533Kb / 5P
IEC61000 standard compliant
31-Mar-2014
More results


Similar Description - EVALSTPM34

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
logo
STMicroelectronics
EVALSTPM32 STMICROELECTRONICS-EVALSTPM32 Datasheet
464Kb / 5P
2 programmable LEDs on board
31-Mar-2014
logo
Luminus, Inc
CBM-90-IRD-X33-850 LUMINUS-CBM-90-IRD-X33-850 Datasheet
1Mb / 11P
Mosaic Array Series Infrared Chip On Board LEDs
CBM-90-IRD-X33-940 LUMINUS-CBM-90-IRD-X33-940 Datasheet
1Mb / 11P
Mosaic Array Series Infrared Chip On Board LEDs
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
logo
Maxim Integrated Produc...
MAX14483EVKIT MAXIM-MAX14483EVKIT Datasheet
1Mb / 11P
On-Board LEDs Indication of Device Ready for Communication
Rev 0; 1/18
logo
Schneider Electric
ZBRRA SCHNEIDER-ZBRRA Datasheet
144Kb / 8P
Programmable receiver - 2 relays - 24..240 V AC/DC - 2 pusbuttons - 6 LEDs
Feb 3, 2022
ZBRRD SCHNEIDER-ZBRRD Datasheet
144Kb / 8P
Programmable receiver - 2 relays - 24..240 V AC/DC - 2 pusbuttons - 6 LEDs
Feb 3, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com