Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM34 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVALSTPM34
Description  2 programmable LEDs on board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTPM34 Datasheet(HTML) 3 Page - STMicroelectronics

  EVALSTPM34 Datasheet HTML 1Page - STMicroelectronics EVALSTPM34 Datasheet HTML 2Page - STMicroelectronics EVALSTPM34 Datasheet HTML 3Page - STMicroelectronics EVALSTPM34 Datasheet HTML 4Page - STMicroelectronics EVALSTPM34 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DocID026140 Rev 1
3/5
EVALSTPM34
Schematic diagrams
5
Figure 2. Metrology circuit schematic
C8
100n
R2
22K
Y1
16MHz
C10
10n
DL2
LED2
R6
4.7K
L7
1500ohm
C15
150p
R9
10K
L5
1500ohm
C11
150p
C24
22n
C20
4.7u
DL1
LED1
R5
4.7K
R26
470R
J8
N
1
J5
DIGITAL I/O
2
4
6
8
1
3
5
7
R8
10K
L4
1500ohm
C22
100n
L3
1500ohm
L1
1500ohm
RS1
BKW-M-R0003-5.0
R13
270K
R16
6R
T1
VAC 4626-X002
J11
Vref 1-2
J10
L2
1
R10
10K
L2
1500ohm
C16
15p
C25
10n
R24
270K
R3
100R
J4
Enable/RST
1
1
2
2
3
3
J6
SPI
J9
L1
1
T2
VAC 4626-X002
U3
STPM33/34
EN
8
INT2
7
INT1
6
LED2
5
LED1
4
CKin/XTAL1
3
XTAL2
2
CKout/ZCR
1
VCC
23
GNDreg
22
VDDA
21
GNDA
20
VREF1
17
GNDref
18
VREF2
19
NC
24
Ex
Ex
C19
100n
J7
DC Supply
C14
150p
L6
1500ohm
C17
15p
C33
10n
C13
150p
C23
100u 10V
R19
0R
R23
270K
R18
1K
C12
150p
R12
270K
R15
470R
R17
1K
R4
1M
R25
270K
R14
270K
R7
10K
R21
6R
R20
1K
C9
150p
C34
22n
R22
1K
Vcc
Vref2
Vref1
Ip2
In2
Vp1
Vp2
Vcc
Vref1
Vref2
In1
Ip1
Vcc
line2
RXD
TXD
Vcc
SCS
1 Int1
2 Int2
3 Led2
4 En/Rst
5 Led1
6 Gnd
7 Ckin
8 Ckout/ZCR
1 NC
2 MOSI
3 Gnd
4 MISO
5 SCS
6 SCL
7 NC
8 SYN
9 NC
10 Vcc
Do not assemble in case STPM33
RS
BK
K
S
To assemble in case current sensor is Shunt
To assemble in case current sensor is Current Transformer
GIPG25032014DI1535



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com