Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-MKI216V1K Datasheet (PDF) - STMicroelectronics

STEVAL-MKI216V1K Datasheet PDF - STMicroelectronics
Part # STEVAL-MKI216V1K
Download  STEVAL-MKI216V1K Download
File Size   150.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital inclinometer kit based on IIS3DHHC

STEVAL-MKI216V1K Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-MKI216V1K Datasheet PDF - STMicroelectronics

Part # STEVAL-MKI216V1K
Download  STEVAL-MKI216V1K Click to download

File Size   150.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital inclinometer kit based on IIS3DHHC

STEVAL-MKI216V1K Datasheet (HTML) - STMicroelectronics


STEVAL-MKI216V1K Product details

Description
The STEVAL-MKI216V1K evaluation board has an embedded IIS3DHHC 3D accelerometer sensor, which is connected via cable to a simple adapter board (STEVAL-MKIGIBV5) to render it compatible with STEVAL-MKI109V3 motherboards. The sensor is soldered precisely in the center of the board and double-sided adhesives are provided to allow users to conveniently mount the board on equipment destined for vibration analysis. Alternatively, you can mount the board using the holes located in each corner of the PCB. The STEVAL-MKIGIBV5 can be plugged into a standard DIL 24 socket. The kit provides the complete IIS3DHHC pin-out and comes ready-to-use with the required decoupling capacitors on the VDD power supply line. The STEVAL-MKI109V3 motherboards feature a high performance 32-bit microcontroller functioning as a bridge between the sensor and a PC running the free Unico GUI graphical user interface or dedicated software routines for customized applications. Product summary Digital inclinometer kit based on IIS3DHHC STEVALMKI216V1K high resolution, high stability 3-axis digital accelerometer for industrial applications IIS3DHHC ST MEMS adapter motherboard based on STM32F401VE compatible ST MEMS adapters STEVALMKI109V3

Features
■ User friendly IIS3DHHC board
■ Complete IIS3DHHC pinout for a standard DIL 24 socket
■ Fully compatible with STEVAL-MKI109V3 motherboard
■ Double-sided adhesives included for easy mounting on equipment to be measured
■ RoHS and WEEE compliant




Similar Part No. - STEVAL-MKI216V1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI211V1K STMICROELECTRONICS-STEVAL-MKI211V1K Datasheet
2Mb / 5P
3D digital accelerometer sensor kit based on LIS25BA
December 2019
STEVAL-MKI212V1 STMICROELECTRONICS-STEVAL-MKI212V1 Datasheet
2Mb / 5P
ASM330LHHX adapter board for a standard DIL 24 socket
STEVAL-MKI213V1 STMICROELECTRONICS-STEVAL-MKI213V1 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STEVAL-MKI219V1 STMICROELECTRONICS-STEVAL-MKI219V1 Datasheet
192Kb / 4P
LPS22CH adapter board for a standard DIL24 socket
09-Feb-2021
More results


Similar Description - STEVAL-MKI216V1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI114V1 STMICROELECTRONICS-STEVAL-MKI114V1 Datasheet
107Kb / 4P
Magnetic field probe kit based on the LSM303DLHC
12-Jul-2012
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
logo
Renesas Technology Corp
UM-YROTATE-IT-RX62T RENESAS-UM-YROTATE-IT-RX62T Datasheet
3Mb / 54P
Low Cost Motor Control Kit based on RX62T
logo
STMicroelectronics
STEVAL-ISV021V1 STMICROELECTRONICS-STEVAL-ISV021V1 Datasheet
342Kb / 10P
Energy harvesting demonstration kit based on SPV1050
December 2015 Rev 3
logo
NXP Semiconductors
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
MCIMX6ULL-EVK NXP-MCIMX6ULL-EVK Datasheet
4Mb / 2P
Evaluation Kit Based on i.MX 6ULL Applications Processors
REV 2
logo
STMicroelectronics
STEVAL-MKI211V1K STMICROELECTRONICS-STEVAL-MKI211V1K Datasheet
2Mb / 5P
3D digital accelerometer sensor kit based on LIS25BA
December 2019
STEVAL-DPSG474 STMICROELECTRONICS-STEVAL-DPSG474 Datasheet
2Mb / 9P
Digital power supply control kit based on STM32G474RE
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
Based on digital Memosens technology
2021-12-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com