Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-MKI211V1K Datasheet (PDF) - STMicroelectronics

STEVAL-MKI211V1K Datasheet PDF - STMicroelectronics
Part # STEVAL-MKI211V1K
Download  STEVAL-MKI211V1K Download
File Size   2131.5 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3D digital accelerometer sensor kit based on LIS25BA

STEVAL-MKI211V1K Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-MKI211V1K Datasheet PDF - STMicroelectronics

Part # STEVAL-MKI211V1K
Download  STEVAL-MKI211V1K Click to download

File Size   2131.5 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3D digital accelerometer sensor kit based on LIS25BA

STEVAL-MKI211V1K Datasheet (HTML) - STMicroelectronics


STEVAL-MKI211V1K Product details

Description
The STEVAL-MKI211V1K evaluation board has an embedded LIS25BA 3D accelerometer which is connected through flat cable to a simple adapter board (STEVAL-MKIGIBV3) to render it compatible with STEVAL-MKI109V3. The sensor is soldered precisely in the center of the board and double-sided adhesives are provided to allow users to conveniently mount the board on equipment destined for vibration analysis. Alternatively, you can mount the board using the holes located in each corner of the PCB. The STEVAL-MKIGIBV3 can be plugged into a standard DIL 24 socket. The kit provides the complete LIS25BA pin-out and comes ready-to-use with the required decoupling capacitors on the VDD power supply line. This adapter is supported by STEVAL-MKI109V3 motherboards with high performance 32-bit microcontroller functioning as a bridge between the sensor and a PC, on which it is possible to use the downloadable graphical user interface (Unico GUI), or dedicated software routines for customized applications. Product summary 3D digital accelerometer sensor kit based on LIS25BA STEVALMKI211V1K LIS25BA - MEMS digital output motion sensor: low noise, high bandwith, 3axis accelerometer with TDM interface LIS25BA ST MEMS adapter motherboard based on STM32F401VE compatible ST MEMS adapters STEVALMKI109V3

Features
■ User friendly LIS25BA board
■ Complete LIS25BA pinout for a standard DIL 24 socket
■ Fully compatible with STEVAL-MKI109V3 motherboard
■ Double-sided adhesives included for easy mounting on equipment to be measured
■ RoHS compliant




Similar Part No. - STEVAL-MKI211V1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI212V1 STMICROELECTRONICS-STEVAL-MKI212V1 Datasheet
2Mb / 5P
ASM330LHHX adapter board for a standard DIL 24 socket
STEVAL-MKI213V1 STMICROELECTRONICS-STEVAL-MKI213V1 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STEVAL-MKI216V1K STMICROELECTRONICS-STEVAL-MKI216V1K Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
STEVAL-MKI219V1 STMICROELECTRONICS-STEVAL-MKI219V1 Datasheet
192Kb / 4P
LPS22CH adapter board for a standard DIL24 socket
09-Feb-2021
More results


Similar Description - STEVAL-MKI211V1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
STEVAL-MKI216V1K STMICROELECTRONICS-STEVAL-MKI216V1K Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com