Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020 Datasheet (PDF) - STMicroelectronics

STLQ020 Datasheet PDF - STMicroelectronics
Part # STLQ020
Download  STLQ020 Download
File Size   2813.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA ultra-low quiescent current LDO

STLQ020 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLQ020 Datasheet PDF - STMicroelectronics

Part # STLQ020
Download  STLQ020 Click to download

File Size   2813.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA ultra-low quiescent current LDO

STLQ020 Datasheet (HTML) - STMicroelectronics


STLQ020 Product details

Description
The STLQ020 is a 200 mA low-dropout voltage regulator, able to work with an input voltage ranging from 2 V to 5.5 V. The typical dropout voltage at maximum load is 160 mV. The ultra-low quiescent current, which is just 0.3 μA at no load, extends battery-life of applications requiring very long standby time. Even though the device intrinsic consumption is ultra-low, STLQ020 is able to provide fast transient response and good PSRR performance, thanks to its adaptive biasing circuit. Enable pin puts the STLQ020 in shutdown mode, reducing total current consumption to 5 nA. The STLQ020 is designed to keep the quiescent current under control and at a low value also during dropout operation, helping to extend even more the operating time of battery- powered devices. It also includes short-circuit constant-current limiting and thermal protection. Several small package options are available. Maturity status link STLQ020 200 mA ultra-low quiescent current LDO STLQ020 Datasheet DS12072 - Rev 3 - June 2019 For further information contact your local STMicroelectronics sales office.

Features
■ Operating input voltage range: 2 V to 5.5 V
■ Output current up to 200 mA
■ Ultra-low quiescent current: – 300 nA typ. at no load – 100 μA typ. at 200 mA load
■ Controlled Iq in dropout conditions
■ Very low-dropout voltage: 160 mV at 200 mA
■ Output voltage accuracy: 2% at room temperature, 3% in full temperature range
■ Output voltage versions: from 0.8 V to 4.5 V, with 50 mV step and adjustable
■ Logic-controlled electronic shutdown
■ Output discharge feature (optional)
■ Internal overcurrent and thermal protections
■ Temperature range: from -40 °C to +125 °C

Applications
■ Smartphones/tablets
■ Image sensors
■ Wearable accessories
■ Healthcare devices
■ Metering




Similar Part No. - STLQ020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Similar Description - STLQ020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
200 mA low quiescent current and low noise LDO
October 2016 Rev 4
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com