Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220 Datasheet (PDF) - STMicroelectronics

LDK220 Datasheet PDF - STMicroelectronics
Part # LDK220
Download  LDK220 Download
File Size   1549.7 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA low quiescent current and low noise LDO

LDK220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDK220 Datasheet PDF - STMicroelectronics

Part # LDK220
Download  LDK220 Click to download

File Size   1549.7 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA low quiescent current and low noise LDO

LDK220 Datasheet (HTML) - STMicroelectronics


LDK220 Product details

Description
The LDK220 is a low drop voltage regulator, which provides a maximum output current of 200 mA from an input voltage in the range of 2.5 V to 13.2 V, with a typical dropout voltage of 100 mV. A ceramic capacitor stabilizes it on the output. The very low drop voltage, low quiescent current and low noise make it suitable for batterypowered applications. The enable logic control function puts the LDK220 in shutdown mode allowing a total current consumption lower than 1 µA. The device also includes a short-circuit constant current limiting and thermal protection.




Similar Part No. - LDK220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results


Similar Description - LDK220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
200 mA ultra-low quiescent current LDO
Jun-2019
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com