Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDK220
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDK220 Datasheet HTML 3Page - STMicroelectronics LDK220 Datasheet HTML 4Page - STMicroelectronics LDK220 Datasheet HTML 5Page - STMicroelectronics LDK220 Datasheet HTML 6Page - STMicroelectronics LDK220 Datasheet HTML 7Page - STMicroelectronics LDK220 Datasheet HTML 8Page - STMicroelectronics LDK220 Datasheet HTML 9Page - STMicroelectronics LDK220 Datasheet HTML 10Page - STMicroelectronics LDK220 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LDK220
Electrical characteristics
DocID026015 Rev 4
7/28
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT
= 1 μF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 6: LDK220 electrical characteristics for fixed output version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
2.5
13.2
V
VOUT
VOUT accuracy
IOUT = 1 mA, TJ = 25 °C
-2
2
%
IOUT = 1 mA, -40 °C < TJ < 125 °C
-3
3
%
ΔVOUT
Static line
regulation
VOUT
+ 1 V ≤ VIN ≤ 13.2 V,
IOUT = 1 mA
0.001
0.05
%/V
ΔVOUT
Static load
regulation
IOUT = 1 mA to 200 mA
0.001
0.003
%/mA
VDROP
Dropout voltage (1)
IOUT = 100 mA, VOUT = 3.3 V
100
mV
IOUT = 200 mA, VOUT = 3.3 V
40 °C < TJ < 125 °C
200
350
eN
Output noise
voltage
10 Hz to 100 kHz, IOUT = 10 mA
20
µVRMS/V
SVR
Supply voltage
rejection
VIN = VOUTNOM+ 0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V
frequency = 120 Hz to 1 kHz
IOUT = 10 mA
55
dB
VIN = VOUTNOM + 0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V
frequency = 10 kHz
IOUT = 10 mA
50
IQ
Quiescent current
VIN = VOUT +1 V
IOUT = 0 mA,-40 °C < TJ < 125 °C
55
90
µA
VOUT
+1 V ≤ VIN ≤ 13.2 V (2)
IOUT = 200 mA,
-40 °C < TJ < 125 °C
60
100
VIN input current in off mode:
VEN = GND, TJ = 25 °C
0.1
1
ISC
Short-circuit
current (2)
RL = 0
400
mA
VEN
Enable input logic
low
VIN = 2.5 V to 13.2 V,
-40 °C < TJ < 125 °C
0.4
V
Enable input logic
high
VIN = 2.5 V to 13.2 V,
-40 °C < TJ < 125 °C
1.2
IEN
Enable pin input
current
VEN = VIN
0.1
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com