Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C6Y7TR Datasheet (PDF) - STMicroelectronics

STM32F334C6Y7TR Datasheet PDF - STMicroelectronics
Part # STM32F334C6Y7TR
Download  STM32F334C6Y7TR Download
File Size   2606.94 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)

STM32F334C6Y7TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F334C6Y7TR Datasheet PDF - STMicroelectronics

Part # STM32F334C6Y7TR
Download  STM32F334C6Y7TR Click to download

File Size   2606.94 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)

STM32F334C6Y7TR Datasheet (HTML) - STMicroelectronics


STM32F334C6Y7TR Product details

Features
■ Core: Arm® Cortex®-M4 32-bit CPU with FPU (72 MHz max), single-cycle multiplication and HW division DSP instruction
■ Memories – Up to 64 Kbytes of Flash memory – Up to 12 Kbytes of SRAM with HW parity check – Routine booster: 4 Kbytes of SRAM on instruction and data bus with HW parity check (CCM)
■ CRC calculation unit
■ Reset and supply management – Low-power modes: Sleep, Stop, Standby – VDD,VDDA voltage range: 2.0 to 3.6 V – Power-on/Power-down reset (POR/PDR) – Programmable voltage detector (PVD) – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC (up to 64 MHz with PLL option) – Internal 40 kHz oscillator
■ Up to 51 fast I/O ports, all mappable on external interrupt vectors, several 5 V-tolerant
■ Interconnect matrix
■ 7-channel DMA controller
■ Up to two ADC 0.20 µs (up to 21 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single-ended / differential mode, separate analog supply from 2.0 to 3.6 V
■ Temperature sensor
■ Up to three 12-bit DAC channels with analog supply from 2.4 V to 3.6 V
■ Three ultra-fast rail-to-rail analog comparators with analog supply from 2 to 3.6 V
■ One operational amplifiers that can be used in PGA mode, all terminals accessible with analog supply from 2.4 to 3.6 V
■ Up to 18 capacitive sensing channels supporting touchkeys, linear and rotary touch sensors
■ Up to 12 timers – HRTIM: 6 x16-bit counters, 217 ps resolution, 10 PWM, 5 fault inputs, 10 ext event input, 1 synchro. input,1 synchro. out – One 32-bit timer and one 16-bit timer with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation, emergency stop – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop – Two watchdog timers (independent, window) – SysTick timer: 24-bit downcounter – Up to two 16-bit basic timers to drive DAC
■ Calendar RTC with alarm, periodic wakeup from Stop
■ Communication interfaces – CAN interface (2.0 B Active) and one SPI LQFP32 (7 x 7 mm) LQFP48 (7 x 7 mm) LQFP64 (10 x 10 mm) UFQFPN32 (5 x 5 mm) WLCSP49 (3.89x3.74 mm)




Similar Part No. - STM32F334C6Y7TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
1Mb / 115P
ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
27-Sep-2016
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
3Mb / 26P
STM32 development boards
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
4Mb / 7P
3 kW Full Bridge LLC resonant digital power supply evaluation kit
20-Mar-2018
STM32F3348-DISCO STMICROELECTRONICS-STM32F3348-DISCO Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
More results


Similar Description - STM32F334C6Y7TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F334X4 STMICROELECTRONICS-STM32F334X4 Datasheet
1Mb / 115P
ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
27-Sep-2016
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com