Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10H12B2-TR Datasheet (PDF) - STMicroelectronics

STPSC10H12B2-TR Datasheet PDF - STMicroelectronics
Part # STPSC10H12B2-TR
Download  STPSC10H12B2-TR Download
File Size   224.69 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V, 10 A, silicon carbide power Schottky diode

STPSC10H12B2-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC10H12B2-TR Datasheet PDF - STMicroelectronics

Part # STPSC10H12B2-TR
Download  STPSC10H12B2-TR Click to download

File Size   224.69 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V, 10 A, silicon carbide power Schottky diode

STPSC10H12B2-TR Datasheet (HTML) - STMicroelectronics


STPSC10H12B2-TR Product details

Description
This 10A, 1200V SiC diode is an ultra-high performance power Schottky diode. It is manufactured using a silicon carbide substrate. The wide band gap material allows the design of a Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature Housed in DPAK HV, this diode is perfectly suited for a usage in PFC applications, in charging station, servers, DC/DC modules, easing the compliance to IEC-60664-1. The STPSC10H12B2-TR will boost performances in hard switching conditions. Its high forward surge capability ensures good robustness during transient phases. Product status link STPSC10H12B2-TR Product summary IF(AV) 10 A VRRM 1200 V Tj (max.) 175 °C VF (typ.) 1.35 V 1200 V, 10 A, silicon carbide power Schottky diode STPSC10H12B2-TR Datasheet DS13411 - Rev 1 - August 2020 For further information contact your local STMicroelectronics sales office.

Features
■ No or negligible reverse recovery
■ Switching behavior independent of temperature
■ Robust high voltage periphery
■ Operating Tj from -40 °C to 175 °C
■ Low VF
■ DPAK HV creepage distance (anode to cathode) = 3 mm min.
■ ECOPACK2 compliant

Applications
■ EV Charging station
■ Servers
■ DC/DC
■ PFC




Similar Part No. - STPSC10H12B2-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12CWL STMICROELECTRONICS-STPSC10H12CWL Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12D STMICROELECTRONICS-STPSC10H12D Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
More results


Similar Description - STPSC10H12B2-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
logo
ON Semiconductor
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
FFSH10120ADN-F155 ONSEMI-FFSH10120ADN-F155 Datasheet
369Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
December, 2019 - Rev. 3
FFSB10120A-F085 ONSEMI-FFSB10120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
March, 2022 - Rev. 2
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D10120H WOLFSPEED-C4D10120H Datasheet
669Kb / 9P
4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com