Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12CWY Datasheet (PDF) - STMicroelectronics

STPSC20H12CWY Datasheet PDF - STMicroelectronics
Part # STPSC20H12CWY
Download  STPSC20H12CWY Download
File Size   257.53 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A 1200 V power Schottky silicon carbide diode

STPSC20H12CWY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20H12CWY Datasheet PDF - STMicroelectronics

Part # STPSC20H12CWY
Download  STPSC20H12CWY Click to download

File Size   257.53 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A 1200 V power Schottky silicon carbide diode

STPSC20H12CWY Datasheet (HTML) - STMicroelectronics


STPSC20H12CWY Product details

Features
• AEC-Q101 qualified
• No or negligible reverse recovery
• Switching behavior independent of temperature
• Robust high-voltage periphery
• PPAP capable
• Operating Tj from -40 °C to 175 °C
• ECOPACK2 compliant
Applications
• OBC (On Board Battery chargers)
• PHEV - EV charging stations
• Resonant LLC topology
• PFC functions (Power Factor Corrector)
Description
The SiC diode, available in TO-247, is an ultrahigh performance power Schottky
rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap
material allows the design of a low VF Schottky diode structure with a 1200 V rating.
Due to the Schottky construction, no recovery is shown at turn-off and ringing
patterns are negligible. The minimal capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC and secondary side applications, this ST SiC diode
will boost the performance in hard switching conditions. This rectifier will enhance the
performance of the targeted application. Its high forward surge capability ensures a
good robustness during transient phases.




Similar Part No. - STPSC20H12CWY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H12C STMICROELECTRONICS-STPSC20H12C Datasheet
431Kb / 10P
No or negligible reverse recovery
28-Feb-2017
More results


Similar Description - STPSC20H12CWY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
1200 V power Schottky silicon carbide diode
01-Sep-2016
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
logo
ON Semiconductor
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com