Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12C Datasheet (PDF) - STMicroelectronics

STPSC20H12C Datasheet PDF - STMicroelectronics
Part # STPSC20H12C
Download  STPSC20H12C Download
File Size   431.31 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description No or negligible reverse recovery

STPSC20H12C Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20H12C Datasheet PDF - STMicroelectronics

Part # STPSC20H12C
Download  STPSC20H12C Click to download

File Size   431.31 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description No or negligible reverse recovery

STPSC20H12C Datasheet (HTML) - STMicroelectronics


STPSC20H12C Product details

Description
The SiC diode, available in TO-247 LL, is an ultrahigh performance power Schottky rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap material allows the design of a low VF Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Especially suited for use in PFC and secondary side applications, this ST SiC diode will boost the performance in hard switching conditions. This rectifier will enhance the performance of the targeted application. Its high forward surge capability ensures a good robustness during transient phases.




Similar Part No. - STPSC20H12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
More results


Similar Description - STPSC20H12C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDB20S30 INFINEON-SDB20S30_07 Datasheet
1Mb / 8P
Silicon Carbide Schottky Diode Switching behavior benchmark No reverse recovery
Rev. 1.2 2007-03-27
logo
Sangdest Microelectroni...
BAT54 SMC-BAT54 Datasheet
221Kb / 5P
Negligible switching losses
logo
STMicroelectronics
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
175Kb / 10P
Negligible switching losses
26-Feb-2016
BYW80F STMICROELECTRONICS-BYW80F Datasheet
361Kb / 7P
Negligible switching losses
Jan-2002
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
222Kb / 7P
Negligible switching losses
05-Feb-2014
STTH208-Y STMICROELECTRONICS-STTH208-Y Datasheet
221Kb / 7P
Negligible switching losses
04-Feb-2014
logo
Littelfuse
LSIC2SD120A05 LITTELFUSE-LSIC2SD120A05 Datasheet
872Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A10 LITTELFUSE-LSIC2SD120A10 Datasheet
879Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120C05 LITTELFUSE-LSIC2SD120C05 Datasheet
716Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120C10 LITTELFUSE-LSIC2SD120C10 Datasheet
729Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com