Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H12 Datasheet (PDF) - STMicroelectronics

STPSC6H12 Datasheet PDF - STMicroelectronics
Part # STPSC6H12
Download  STPSC6H12 Download
File Size   267.7 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC6H12 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC6H12 Datasheet PDF - STMicroelectronics

Part # STPSC6H12
Download  STPSC6H12 Click to download

File Size   267.7 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC6H12 Datasheet (HTML) - STMicroelectronics


STPSC6H12 Product details

Description
ST's 1200 V high-performance rectifier is specifically designed to be used in photo-voltaic inverters or in applications where negligible switching losses are required. The STPSC6H12 helps to increase the application efficiency yield by up to 2% thanks to its ability to work at high frequency whatever the temperature. The central lead of the DPAK package is removed to meet the IEC60664 and UL 840 standard requirements for a higher voltage. These characteristics make it the best-in-class 1200 V diode. . $ . . $ '3$.+9/




Similar Part No. - STPSC6H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065B-TR STMICROELECTRONICS-STPSC6H065B-TR Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC6H065D STMICROELECTRONICS-STPSC6H065D Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065DI STMICROELECTRONICS-STPSC6H065DI Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
More results


Similar Description - STPSC6H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com