Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC6H12
Description  1200 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H12 Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC6H12 Datasheet HTML 1Page - STMicroelectronics STPSC6H12 Datasheet HTML 2Page - STMicroelectronics STPSC6H12 Datasheet HTML 3Page - STMicroelectronics STPSC6H12 Datasheet HTML 4Page - STMicroelectronics STPSC6H12 Datasheet HTML 5Page - STMicroelectronics STPSC6H12 Datasheet HTML 6Page - STMicroelectronics STPSC6H12 Datasheet HTML 7Page - STMicroelectronics STPSC6H12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPSC6H12
2/8
DocID024631 Rev 5
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.89 x IF(AV) + 0.285 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS)
Forward rms current
11
A
IF(AV)
Average forward current
Tc = 125 °C,  = 0.5, DC
6
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 150 °C
tp = 10 µs square, Tc = 25 °C
36
30
100
A
IFRM
Repetitive peak forward current
 = 0.1, T
c = 125 °C
28
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +175
°C
Table 3. Thermal resistance
Symbol
Parameter
Typ.
Max.
Unit
Rth(j-c)
Junction to case
1.3
1.9
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1. tp = 10 ms,  < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-100
400
µA
Tj = 150 °C
-
0.65
1.5
mA
VF
(2)
2. tp = 500 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 6 A
-1.55
1.9
V
Tj = 150 °C
-
2.05
2.6
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj
(1)
1. Most accurate value for the capacitive charge:
Total capacitive charge
VR = 800 V
29
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
330
pF
VR = 300 V, Tc = 25 °C, F = 1 MHz
30
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com