Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC6H12
Description  1200 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H12 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC6H12 Datasheet HTML 1Page - STMicroelectronics STPSC6H12 Datasheet HTML 2Page - STMicroelectronics STPSC6H12 Datasheet HTML 3Page - STMicroelectronics STPSC6H12 Datasheet HTML 4Page - STMicroelectronics STPSC6H12 Datasheet HTML 5Page - STMicroelectronics STPSC6H12 Datasheet HTML 6Page - STMicroelectronics STPSC6H12 Datasheet HTML 7Page - STMicroelectronics STPSC6H12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
September 2016
DocID024631 Rev 5
1/8
8
STPSC6H12
1200 V power Schottky silicon carbide diode
Datasheet
- production data
Features
 High frequency free-wheel / boost diode
 Robust high-voltage periphery
 Ultrafast high voltage switching independent of
temperature
Description
ST's 1200 V high-performance rectifier is
specifically designed to be used in photo-voltaic
inverters or in applications where negligible
switching losses are required.
The STPSC6H12 helps to increase the
application efficiency yield by up to 2% thanks to
its ability to work at high frequency whatever the
temperature.
The central lead of the DPAK package is removed
to meet the IEC60664 and UL 840 standard
requirements for a higher voltage.
These characteristics make it the best-in-class
1200 V diode.
Table 1. Device summary
Symbol
Value
IF(AV)
6 A
VRRM
1200 V
Tj (max.)
175 °C
VF (6 A, 25 °C) typ.
1.55 V
Cj (300 V) typ.
30 pF
www.st.com


Similar Part No. - STPSC6H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065B-TR STMICROELECTRONICS-STPSC6H065B-TR Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC6H065D STMICROELECTRONICS-STPSC6H065D Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065DI STMICROELECTRONICS-STPSC6H065DI Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
More results

Similar Description - STPSC6H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com