Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2H12 Datasheet (PDF) - STMicroelectronics

STPSC2H12 Datasheet PDF - STMicroelectronics
Part # STPSC2H12
Download  STPSC2H12 Download
File Size   468.68 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC2H12 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC2H12 Datasheet PDF - STMicroelectronics

Part # STPSC2H12
Download  STPSC2H12 Click to download

File Size   468.68 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC2H12 Datasheet (HTML) - STMicroelectronics


STPSC2H12 Product details

Description
The SiC diode, available in TO-220AC and DPAK HV, is an ultrahigh performance power Schottky rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap material allows the design of a low VF Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Especially suited for use in PFC and secondary side applications, this ST SiC diode will boost the performance in hard switching conditions. This rectifier will enhance the performance of the targeted application. Its high forward surge capability ensures a good robustness during transient phases.




Similar Part No. - STPSC2H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC2H12-Y STMICROELECTRONICS-STPSC2H12-Y Datasheet
259Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
19-Sep-2019
STPSC2H12-Y STMICROELECTRONICS-STPSC2H12-Y Datasheet
299Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
21-Sep-2021
STPSC2H12-Y STMICROELECTRONICS-STPSC2H12-Y_V01 Datasheet
299Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
21-Sep-2021
STPSC2H12B2Y-TR STMICROELECTRONICS-STPSC2H12B2Y-TR Datasheet
259Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
19-Sep-2019
STPSC2H12B2Y-TR STMICROELECTRONICS-STPSC2H12B2Y-TR Datasheet
299Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
21-Sep-2021
More results


Similar Description - STPSC2H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
1200 V power Schottky silicon carbide diode
01-Sep-2016
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com