Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CSFY Datasheet (PDF) - STMicroelectronics

STTH1002CSFY Datasheet PDF - STMicroelectronics
Part # STTH1002CSFY
Download  STTH1002CSFY Download
File Size   334.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V, dual 5 A ultrafast rectifier

STTH1002CSFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH1002CSFY Datasheet PDF - STMicroelectronics

Part # STTH1002CSFY
Download  STTH1002CSFY Click to download

File Size   334.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V, dual 5 A ultrafast rectifier

STTH1002CSFY Datasheet (HTML) - STMicroelectronics


STTH1002CSFY Product details

Description
The STTH1002CSFY has been developed for applications requiring an optimized VF and reverse recovery characteristics. These characteristics make it ideal for use in secondary rectification functions, such as DC/DC converters or lighting applications. Product status link STTH1002CSFY Product summary

Features
■ AEC-Q101 qualified
■ PPAP capable
■ 175 °C maximum operation junction temperature
■ VRRM guaranteed from -40 °C to 175 °C
■ High surge current capability
■ ECOPACK2 compliant component

Applications
■ Reverse polarity protection in E.C.U
■ DC/DC converters
■ Freewheeling diodes
■ LED Lighting




Similar Part No. - STTH1002CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1002CSF STMICROELECTRONICS-STTH1002CSF Datasheet
331Kb / 10P
200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
More results


Similar Description - STTH1002CSFY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
20 A, 200 V, Ultrafast Dual Diode
logo
NXP Semiconductors
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
STMicroelectronics
STTH602CSF STMICROELECTRONICS-STTH602CSF Datasheet
330Kb / 10P
200 V, dual 3 A ultrafast rectifier
05-Nov-2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSF STMICROELECTRONICS-STTH1002CSF Datasheet
331Kb / 10P
200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
STTH2R02AY STMICROELECTRONICS-STTH2R02AY Datasheet
177Kb / 9P
Automotive 200 V, 2 A ultrafast diode
Rev 1 - February 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com