Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH602CSF Datasheet (PDF) - STMicroelectronics

STTH602CSF Datasheet PDF - STMicroelectronics
Part # STTH602CSF
Download  STTH602CSF Download
File Size   330.02 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 V, dual 3 A ultrafast rectifier

STTH602CSF Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH602CSF Datasheet PDF - STMicroelectronics

Part # STTH602CSF
Download  STTH602CSF Click to download

File Size   330.02 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 V, dual 3 A ultrafast rectifier

STTH602CSF Datasheet (HTML) - STMicroelectronics


STTH602CSF Product details

Description
The STTH602CSF has been developed for applications requiring an optimized VF and reverse recovery characteristics.
These characteristics make it ideal for use in secondary rectification functions, such as DC/DC converters or lighting applications.

Features
• 175 °C maximum operation junction temperature
• High surge current capability
• ECOPACK2 compliant component

Application
• DC/DC converters
• Freewheeling diodes
• LED Lighting




Similar Part No. - STTH602CSF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
More results


Similar Description - STTH602CSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
Fairchild Semiconductor
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
60 A, 200 V, Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
20 A, 200 V, Ultrafast Dual Diode
logo
NXP Semiconductors
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
STMicroelectronics
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSF STMICROELECTRONICS-STTH1002CSF Datasheet
331Kb / 10P
200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com