Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH602CSF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH602CSF
Description  200 V, dual 3 A ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH602CSF Datasheet(HTML) 1 Page - STMicroelectronics

  STTH602CSF Datasheet HTML 1Page - STMicroelectronics STTH602CSF Datasheet HTML 2Page - STMicroelectronics STTH602CSF Datasheet HTML 3Page - STMicroelectronics STTH602CSF Datasheet HTML 4Page - STMicroelectronics STTH602CSF Datasheet HTML 5Page - STMicroelectronics STTH602CSF Datasheet HTML 6Page - STMicroelectronics STTH602CSF Datasheet HTML 7Page - STMicroelectronics STTH602CSF Datasheet HTML 8Page - STMicroelectronics STTH602CSF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
175 °C maximum operation junction temperature
•
High surge current capability
•
ECOPACK2 compliant component
Application
•
DC/DC converters
•
Freewheeling diodes
•
LED Lighting
Description
The STTH602CSF has been developed for applications requiring an optimized VF
and reverse recovery characteristics.
These characteristics make it ideal for use in secondary rectification functions, such
as DC/DC converters or lighting applications.
Product status link
STTH602CSF
Product summary
Symbol
Value
IF(AV)
2 X 3 A
VRRM
200 V
trr(max)
24 ns
Tj (max.)
175 °C
VF (typ.)
0.80 V
200 V, dual 3 A ultrafast rectifier
STTH602CSF
Datasheet
DS13550 - Rev 1 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH602CSF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
More results

Similar Description - STTH602CSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
Fairchild Semiconductor
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
60 A, 200 V, Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
20 A, 200 V, Ultrafast Dual Diode
logo
NXP Semiconductors
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
STMicroelectronics
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSF STMICROELECTRONICS-STTH1002CSF Datasheet
331Kb / 10P
200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com