Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC-3524 Datasheet (PDF) - 3M Electronics

EC-3524 Datasheet PDF - 3M Electronics
Part # EC-3524
Download  EC-3524 Download
File Size   90.97 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Scotch-WeldTM Void Filling and Edge Sealing Compound

EC-3524 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC-3524 Datasheet PDF - 3M Electronics

Part # EC-3524
Download  EC-3524 Click to download

File Size   90.97 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Scotch-WeldTM Void Filling and Edge Sealing Compound

EC-3524 Datasheet (HTML) - 3M Electronics


EC-3524 Product details

Features
■ Sandable within three hours of mixing.
■ Cures to a strong, low-density material within 48 hours at 75°F (24°C).
■ Meets the flammability requirements of F.A.R. 25.853 (a) and (b).
■ The compound has thixotropic properties for ease of application.
■ Base comes in blue or pale blue, accelerator is white to ensure complete and uniform mixing.
■ Can be used as a fairing compound for aerodynamic flushness.
■ Reinforces honeycomb.
■ Can be used for bonding inserts.
■ Service temperature of 250°F (121°C).
■ 100% solids.
■ Seals and provides impact resistance to honeycomb panels edges.
■ Paintable Technical Data June 2007 Product Description Scotch-Weld EC-3524 Scotch-Weld EC-3524 Part B or Off-White Part B Part A or Off-White Part A Component: Base Accelerator Color: Blue or pale blue White Base: Epoxy Modified Amine Viscosity: Low density dough Low density dough Mixing Ratio (by Weight): 100 94 Mixing Ratio (by Volume): 1 1




Similar Part No. - EC-3524

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3500 3M-EC-3500 Datasheet
27Kb / 4P
3M Scotch-WeldTM Core Splice Adhesive
Sep-2005
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
EC-3505 3M-EC-3505 Datasheet
221Kb / 5P
3M??Scotch-Weld??Structural Void Filling Compound
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
More results


Similar Description - EC-3524

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP270 3M-DP270 Datasheet
225Kb / 8P
Scotch-WeldTM Epoxy Potting Compound/Adhesive
Mar-2019
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
EC-3439 3M-EC-3439 Datasheet
20Kb / 4P
3M Scotch-WeldTM Void Filling Compound
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
Jun-2004
EC-3550 3M-EC-3550 Datasheet
175Kb / 4P
3M??Scotch-Weld??Structural Void Filling Compound
EC-3505 3M-EC-3505 Datasheet
221Kb / 5P
3M??Scotch-Weld??Structural Void Filling Compound
3550B 3M-3550B Datasheet
160Kb / 8P
Scotch-WeldTM Structural Void Filling Compound
03-Oct-2000
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com