Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ6344 Datasheet (PDF) - 3M Electronics

SJ6344 Datasheet PDF - 3M Electronics
Part # SJ6344
Download  SJ6344 Download
File Size   107.33 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Bumpon™ Protective Products Molded Shapes - Easy Slide Series

SJ6344 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ6344 Datasheet PDF - 3M Electronics

Part # SJ6344
Download  SJ6344 Click to download

File Size   107.33 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Bumpon™ Protective Products Molded Shapes - Easy Slide Series

SJ6344 Datasheet (HTML) - 3M Electronics


SJ6344 Product details

Features
■ Low coefficient of friction, Bumpon Easy Slide for heavier protective foot applications
■ Larger size, cylindrical shape with flat top, provides good stability and load bearing capacity as protective foot
■ Supports up to 40 lbs (18.2 kg) per Bumpon foot (160 lbs or 72.7 kg per four Bumpon feet)
■ Solid polyurethane plus polyester film construction is non-marring and non-staining
■ Excellent abrasion resistance
■ Long aging – will not crack or harden
■ 3M R-25 synthetic rubber, pressure-sensitive adhesive system. Quick bonding to variety of application surface materials, including tough to adhere to low surface energy plastics, finishes and coatings
■ Application Ideas
■ Heavier TV or computer monitors, displays or on stands
■ Larger countertop electronic kitchen appliances
■ Other items weighing approximately 5 lbs (2.3 kg) up to 50 lbs (22.7 kg)




Similar Part No. - SJ6344

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
SJ6-06BK FLEXTRAL-SJ6-06BK Datasheet
458Kb / 1P
SuperJet6000 6000 PSI Pressure Washer Hose
SJ6-06BK-050C FLEXTRAL-SJ6-06BK-050C Datasheet
458Kb / 1P
SuperJet6000 6000 PSI Pressure Washer Hose
SJ6-06BK-100C FLEXTRAL-SJ6-06BK-100C Datasheet
458Kb / 1P
SuperJet6000 6000 PSI Pressure Washer Hose
SJ6-06BLM FLEXTRAL-SJ6-06BLM Datasheet
458Kb / 1P
SuperJet6000 6000 PSI Pressure Washer Hose
SJ6-06BLM-050C FLEXTRAL-SJ6-06BLM-050C Datasheet
458Kb / 1P
SuperJet6000 6000 PSI Pressure Washer Hose
More results


Similar Description - SJ6344

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ5008BLACK 3M-SJ5008BLACK Datasheet
150Kb / 8P
3M™ Bumpon™ Protective Products
Feb-2012
SJ6500 3M-SJ6500 Datasheet
166Kb / 4P
3M™ Bumpon™ Protective Products
Nov-2014
SJ5200 3M-SJ5200 Datasheet
275Kb / 8P
3M™ Bumpon™ Protective Products Resilient Rollstock
Jul-2015
SJ5000 3M-SJ5000 Datasheet
342Kb / 8P
3M™ Bumpon™ Protective Products Molded Shapes - Colored and Clear Series
Jul-2015
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com