Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2517 Datasheet (PDF) - 3M Electronics

2517 Datasheet PDF - 3M Electronics
Part # 2517
Download  2517 Download
File Size   134.5 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Flatback Tape 2517

2517 Datasheet (PDF)

Go To PDF Page Download Datasheet
2517 Datasheet PDF - 3M Electronics

Part # 2517
Download  2517 Click to download

File Size   134.5 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Flatback Tape 2517

2517 Datasheet (HTML) - 3M Electronics


2517 Product details

Features
■ Has good backing strength and is resistant to moist conditions.
■ Can be machine dispensed.
■ Can withstand a bake cycle up to 300°F (149°C) for 30 minutes.
■ Can be qualiɥed to meet Commercial Item Description CID-A-A-883A, Type II and ASTM-D6123, Type II.
■ High initial tack even in cool temperature conditions.




Similar Part No. - 2517

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2517 KR-2517 Datasheet
24Kb / 2P
Bandpass Filter
logo
Heyco.
2517 HEYCO-2517 Datasheet
91Kb / 1P
Feets of Strength
logo
Abbatron All Rights Res...
2517 ABBATRON-2517 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2517 ADAFRUIT-2517 Datasheet
238Kb / 3P
Silicone Cover Stranded-Core Wire - 25ft 26AWG - Black
3/30/2016
logo
Alpha Wire
25170 ALPHAWIRE-25170 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
More results


Similar Description - 2517

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
86415 3M-86415 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
250 3M-250 Datasheet
616Kb / 6P
Scotch® Flatback Masking Tape 250
Mar-2019
256 3M-256 Datasheet
564Kb / 5P
3M??Scotch짰 Printable Flatback Paper Tape 256
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com