Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1455NKGK Datasheet (PDF) - Renesas Technology Corp

F1455NKGK Datasheet PDF - Renesas Technology Corp
Part # F1455NKGK
Download  F1455NKGK Download
File Size   4948.97 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Digital VGA 1400 MHz to 2300 MHz

F1455NKGK Datasheet (PDF)

Go To PDF Page Download Datasheet
F1455NKGK Datasheet PDF - Renesas Technology Corp

Part # F1455NKGK
Download  F1455NKGK Click to download

File Size   4948.97 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Digital VGA 1400 MHz to 2300 MHz

F1455NKGK Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1455NKGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1455NKGK IDT-F1455NKGK Datasheet
2Mb / 27P
TX Digital VGA
F1455NKGK8 IDT-F1455NKGK8 Datasheet
2Mb / 27P
TX Digital VGA
More results


Similar Description - F1455NKGK

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
Low Noise Amplifier 50??1400 to 2300 MHz
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
logo
TriQuint Semiconductor
885049 TRIQUINT-885049_15 Datasheet
243Kb / 1P
2300-2400 MHz Tx/Rx Filter
885075 TRIQUINT-885075_15 Datasheet
234Kb / 7P
2300-2400 MHz Tx/Rx Filter
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
TX Digital VGA
F1455 IDT-F1455 Datasheet
2Mb / 27P
TX Digital VGA
F1451 IDT-F1451 Datasheet
7Mb / 28P
TX Digital VGA 700 MHz to 1100 MHz
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
TX Digital VGA 450MHz to 1100MHz
logo
Qorvo, Inc
QPQ1040Q QORVO-QPQ1040Q Datasheet
730Kb / 11P
2300-2400 MHz TX/RX Filter
logo
Renesas Technology Corp
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com