Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421NLGK Datasheet (PDF) - Renesas Technology Corp

F1421NLGK Datasheet PDF - Renesas Technology Corp
Part # F1421NLGK
Download  F1421NLGK Download
File Size   2463.55 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Amplifier 1.7GHz to 2.2GHz

F1421NLGK Datasheet (PDF)

Go To PDF Page Download Datasheet
F1421NLGK Datasheet PDF - Renesas Technology Corp

Part # F1421NLGK
Download  F1421NLGK Click to download

File Size   2463.55 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Amplifier 1.7GHz to 2.2GHz

F1421NLGK Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1421NLGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1421NLGK IDT-F1421NLGK Datasheet
2Mb / 16P
RF Amplifier
F1421NLGK8 IDT-F1421NLGK8 Datasheet
2Mb / 16P
RF Amplifier
More results


Similar Description - F1421NLGK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3421 INTERSIL-HFA3421 Datasheet
30Kb / 3P
1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
logo
Nel Frequency Controls,...
SU-A29B0 NEL-SU-A29B0 Datasheet
124Kb / 2P
Frequency Range: 300.0MHz to 1.7GHz
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
Linear Technology
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2520100G0T WALSIN-RFDIP2520100G0T Datasheet
612Kb / 8P
829MHz / 2.2GHz Band RF Application
RFDIP2520100G5T WALSIN-RFDIP2520100G5T Datasheet
557Kb / 8P
829MHz / 2.2GHz Band RF Application
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com