Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1471EVB-2P6 Datasheet (PDF) - Renesas Technology Corp

F1471EVB-2P6 Datasheet PDF - Renesas Technology Corp
Part # F1471EVB-2P6
Download  F1471EVB-2P6 Download
File Size   1560.36 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.5W High Linearity RF Amplifier 400MHz to 4200MHz

F1471EVB-2P6 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1471EVB-2P6 Datasheet PDF - Renesas Technology Corp

Part # F1471EVB-2P6
Download  F1471EVB-2P6 Click to download

File Size   1560.36 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.5W High Linearity RF Amplifier 400MHz to 4200MHz

F1471EVB-2P6 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1471EVB-2P6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1471 LITTELFUSE-F1471 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
F1471-ND LITTELFUSE-F1471-ND Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results


Similar Description - F1471EVB-2P6

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
API Delevan
BXMP1170 API-BXMP1170 Datasheet
293Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1173 API-BXMP1173 Datasheet
205Kb / 3P
Ultra High Linearity RF Amplifier
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
Low Noise, High Linearity Amplifier 400MHz to 1500MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
logo
Renesas Technology Corp
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1495 RENESAS-F1495 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com