Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2911NBGP Datasheet (PDF) - Renesas Technology Corp

F2911NBGP Datasheet PDF - Renesas Technology Corp
Part # F2911NBGP
Download  F2911NBGP Download
File Size   1461.96 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75廓 SPST RF Switch 1MHz to 3500MHz

F2911NBGP Datasheet (PDF)

Go To PDF Page Download Datasheet
F2911NBGP Datasheet PDF - Renesas Technology Corp

Part # F2911NBGP
Download  F2911NBGP Click to download

File Size   1461.96 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75廓 SPST RF Switch 1MHz to 3500MHz

F2911NBGP Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2911NBGP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2910 RENESAS-F2910 Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
Integrated Device Techn...
F2910EVBI IDT-F2910EVBI Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2910EVBI RENESAS-F2910EVBI Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
Integrated Device Techn...
F2910NBGP IDT-F2910NBGP Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
More results


Similar Description - F2911NBGP

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
Texas Instruments
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
0.9-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
10-廓 SPST ANALOG SWITCH
logo
Renesas Technology Corp
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
75廓 SP2T RF Switch 5MHz to 3000MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com