Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2910 Datasheet (PDF) - Renesas Technology Corp

F2910 Datasheet PDF - Renesas Technology Corp
Part # F2910
Download  F2910 Download
File Size   1501.39 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz

F2910 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2910 Datasheet PDF - Renesas Technology Corp

Part # F2910
Download  F2910 Click to download

File Size   1501.39 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz

F2910 Datasheet (HTML) - Renesas Technology Corp


F2910 Product details

Features
 Insertion Loss
 0.55dB at 2GHz
 High Isolation
 51dB at 2GHz
 High Linearity
 IIP3 of 65dBm
 Wide Single Positive Supply Voltage Range
 3.3V and 1.8V compatible control logic
 Operating temperature -55°C to +105°C
 2 x 2 mm 8-DFN package




Similar Part No. - F2910

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910EVBI IDT-F2910EVBI Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910NBGP IDT-F2910NBGP Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910NBGP8 IDT-F2910NBGP8 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
More results


Similar Description - F2910

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com