Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2912NCGI Datasheet (PDF) - Renesas Technology Corp

F2912NCGI Datasheet PDF - Renesas Technology Corp
Part # F2912NCGI
Download  F2912NCGI Download
File Size   3966.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 9 kHz to 9000 MHz

F2912NCGI Datasheet (PDF)

Go To PDF Page Download Datasheet
F2912NCGI Datasheet PDF - Renesas Technology Corp

Part # F2912NCGI
Download  F2912NCGI Click to download

File Size   3966.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 9 kHz to 9000 MHz

F2912NCGI Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2912NCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2912NCGI RENESAS-F2912NCGI Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2912NCGI8 RENESAS-F2912NCGI8 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
More results


Similar Description - F2912NCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com