Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2970 Datasheet (PDF) - Integrated Device Technology

F2970 Datasheet PDF - Integrated Device Technology
Part # F2970
Download  F2970 Download
File Size   2394.47 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 75 Ohm SP2T RF Switch 5 MHz to 3000 MHz

F2970 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2970 Datasheet PDF - Integrated Device Technology

Part # F2970
Download  F2970 Click to download

File Size   2394.47 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 75 Ohm SP2T RF Switch 5 MHz to 3000 MHz

F2970 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F2970

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2970 UTC-F2970 Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2970EVBI RENESAS-F2970EVBI Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Unisonic Technologies
F2970G-S18-R UTC-F2970G-S18-R Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
F2970G-S18-R UTC-F2970G-S18-R Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
More results


Similar Description - F2970

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
GaAs SPDT Switch 5 - 3000 MHz
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
MACP-008764-CH0370 MA-COM-MACP-008764-CH0370 Datasheet
101Kb / 3P
75 Ohm Coupler 5-1000 MHz
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
75 Voltage Controlled Attenuator (5 ??3000 MHz)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com