Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-207-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-207-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-207-PIN
Download  SW-207-PIN Download
File Size   56.3 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch, 5 - 3000 MHz

SW-207-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-207-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-207-PIN
Download  SW-207-PIN Click to download

File Size   56.3 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch, 5 - 3000 MHz

SW-207-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-207-PIN Product details

Features
• Low Insertion Loss: 1.0 dB Typical
• Fast Switching Speed
• Low DC Power Consumption
• Integral TTL
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available




Similar Part No. - SW-207-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
More results


Similar Description - SW-207-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
GaAs SPDT Switch 5 - 3000 MHz
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-205-PIN MA-COM-SW-205-PIN Datasheet
57Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com