Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2970 Datasheet (PDF) - Renesas Technology Corp

F2970 Datasheet PDF - Renesas Technology Corp
Part # F2970
Download  F2970 Download
File Size   3861.75 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75 Ohm SP2T RF Switch 5 MHz to 3000 MHz

F2970 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2970 Datasheet PDF - Renesas Technology Corp

Part # F2970
Download  F2970 Click to download

File Size   3861.75 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75 Ohm SP2T RF Switch 5 MHz to 3000 MHz

F2970 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2970

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2970 UTC-F2970 Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2970EVBI IDT-F2970EVBI Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Unisonic Technologies
F2970G-S18-R UTC-F2970G-S18-R Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
F2970G-S18-R UTC-F2970G-S18-R Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
More results


Similar Description - F2970

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
GaAs SPDT Switch 5 - 3000 MHz
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
MACP-008764-CH0370 MA-COM-MACP-008764-CH0370 Datasheet
101Kb / 3P
75 Ohm Coupler 5-1000 MHz
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
75 Voltage Controlled Attenuator (5 ??3000 MHz)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com