Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2915NBGK Datasheet (PDF) - Renesas Technology Corp

F2915NBGK Datasheet PDF - Renesas Technology Corp
Part # F2915NBGK
Download  F2915NBGK Download
File Size   757.45 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP5T RF Switch 50MHz to 8000MHz

F2915NBGK Datasheet (PDF)

Go To PDF Page Download Datasheet
F2915NBGK Datasheet PDF - Renesas Technology Corp

Part # F2915NBGK
Download  F2915NBGK Click to download

File Size   757.45 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP5T RF Switch 50MHz to 8000MHz

F2915NBGK Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2915NBGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2915NBGK IDT-F2915NBGK Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
More results


Similar Description - F2915NBGK

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com